| データシートサーチシステム |
|
SSD1702Z データシート(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1702Z データシート(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 47 page ![]() SSD1702 Rev 1.1 P 7/46 Dec 2003 Solomon Systech 4. BLOCK DIAGRAM Figure 1 - Block Diagram of SSD1702 V 0 V 12 V 5 V 43 Y240 Y239.......................................................Y2 Y1 LEVEL SHIFTER 240 BITS LEVEL SHIFTER 240 BITS 4-LEVEL DRIVER ACTIVE CONTROL CONTROL LOGIC DATA CONTROL 240 BITS LINE LATCH / SHIFT REGISTER DATA LATCH CONTROL V 5 V 43 V 12 V 0 FR DISPOFF# EIO1 EIO2 LP XCK S/C MD L/R 4BITS*2 DATA LATCH 240 8 240 8 8 88 8 D0 D2 D1 D3 D5 D4 D7 D6 VDD VSS ................................... POWER ON RESET ..............8 * 30............... DATA LATCH |