データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0432550153 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 0432550153
部品情報  6.35mm Pitch MLX Power Connector Header, 2.13mm Contact Diameter, Vertical
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX1 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0432550153 データシート(HTML) 1 Page - Molex Electronics Ltd.

  0432550153_18 Datasheet HTML 1Page - Molex Electronics Ltd. 0432550153_18 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/25/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0432550153
Status:
Active
Overview:
MLX Power Connectors
Description:
6.35mm Pitch MLX Power Connector Header, 2.13mm Contact Diameter, Vertical, with
Plastic Polarizing Peg, 12 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating,
Natural (Nylon Off Natural), Lead-Free
Documents:
3D Model
Packaging Specification PK-43255-001-001 (PDF)
Drawing (PDF)
Packaging Specification PK-43255-003-001 (PDF)
Product Specification PSX-42002-0001-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
43255
Application
Board-to-Board, Power, Wire-to-Board
Comments
High Vibration Application
Overview
MLX Power Connectors
Product Name
MLX
UPC
800753948945
Physical
Breakaway
No
Circuits (Loaded)
12
Circuits (maximum)
12
Color - Resin
Natural
Durability (mating cycles max)
50
First Mate / Last Break
No
Flammability
94V-2
Glow-Wire Capable
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Mated Height
30.35mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
6.459/g
Number of Rows
3
Orientation
Vertical
PC Tail Length
4.30mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
1.60mm
Packaging Type
Tray
Pitch - Mating Interface
6.35mm
Pitch - Termination Interface
6.35mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +105°C
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2018 (15
January 2018)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
43255 Series
Mates With
42021 MLX Power Crimp Housing Plug,
42023 MLX Crimp Terminal, 42024 MLX
Crimp Terminal


同様の部品番号 - 0432550153_18

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0432550153 MOLEX5-0432550153 Datasheet
285Kb / 4P
6.35mm (.250") Pitch MLX??Power Connector Header, Vertical, with Plastic Polarizing Peg, 12 Circuits
More results

同様の説明 - 0432550153_18

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0367590026 MOLEX1-0367590026 Datasheet
39Kb / 2P
6.35mm Pitch MLX Power Connector Header, 2.13mm Contact Diameter, Vertical
0367590027 MOLEX1-0367590027 Datasheet
39Kb / 2P
6.35mm Pitch MLX Power Connector Header, 2.13mm Contact Diameter, Vertical
0367590061 MOLEX1-0367590061 Datasheet
39Kb / 2P
6.35mm Pitch MLX Power Connector Header, 2.13mm Contact Diameter, Vertical
0367590063 MOLEX1-0367590063 Datasheet
39Kb / 2P
6.35mm Pitch MLX Power Connector Header, 2.13mm Contact Diameter, Vertical
0367590064 MOLEX1-0367590064 Datasheet
39Kb / 2P
6.35mm Pitch MLX Power Connector Header, 2.13mm Contact Diameter, Vertical
0367590067 MOLEX1-0367590067 Datasheet
39Kb / 2P
6.35mm Pitch MLX Power Connector Header, 2.13mm Contact Diameter, Vertical
0432550011 MOLEX1-0432550011_18 Datasheet
40Kb / 2P
6.35mm Pitch MLX Power Connector Header, 2.13mm Contact Diameter, Vertical
0432550035 MOLEX1-0432550035_18 Datasheet
39Kb / 2P
6.35mm Pitch MLX Power Connector Header, 2.13mm Contact Diameter, Vertical
0432550131 MOLEX1-0432550131_18 Datasheet
39Kb / 2P
6.35mm Pitch MLX Power Connector Header, 2.13mm Contact Diameter, Vertical
0432550161 MOLEX1-0432550161_18 Datasheet
39Kb / 2P
6.35mm Pitch MLX Power Connector Header, 2.13mm Contact Diameter, Vertical
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com