| データシートサーチシステム |
|
RIF-2-RSC-LV-230AC データシート(PDF) 5 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
RIF-2-RSC-LV-230AC データシート(HTML) 5 Page - PHOENIX CONTACT |
|
5 / 6 page ![]() https://www.phoenixcontact.com/pi/products/2903316 07/23/2018 Page 5 / 6 Relay Module - RIF-2-RSC-LV-230AC/4X21 - 2903316 Articles in set Relay base - RIF-2-BSC/4X21 - 2900932 RIF-2... relay base, for industrial relay with 2 or 4 changeover contacts, screw connection, plug-in option for input/ interference suppression modules, for mounting on NS 35/7,5 Single relay - REL-IR4/L-230AC/4X21 - 2903688 Plug-in industrial relay with power contacts, 4 PDTs, test key, status LED, mechanical switch position indicator, input voltage: 230 V AC Plug-in module - RIF-V-120-230 UC - 2900948 Plug-in module, for mounting on RIF-1, RIF-2, RIF-3, and RIF-4, with varistor, input voltage: 120 ... 230 V AC/DC ±20 % Retaining bracket - RIF-RH-2 - 2900954 Relay retaining bracket, with ejector function and holder for marking material, suitable for RIF-2 relay base, for industrial relay Approvals Approvals Approvals DNV GL / CSA / EAC Ex Approvals Approval details |