| データシートサーチシステム |
|
LR1102AG-50-AF5-R データシート(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR1102AG-50-AF5-R データシート(HTML) 4 Page - Unisonic Technologies |
|
4 / 12 page ![]() LR1102 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 4 of 12 www.unisonic.com.tw QW-R502-038. K ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT Input Voltage VIN 9 V Input Voltage VCE -0.3 ~ VIN+0.3 V Output Voltage VOUT -0.3 ~ VIN+0.3 V Output Current IOUT 200 mA Power Dissipation PD 250 mW Junction Temperature TJ +125 °С Operating Temperature TOPR -40 ~ +85 °С Storage Temperature TSTG -55 ~ +125 °С Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS LR1102A-XX (TOPR=25°С) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT VIN=Set VOUT + 1V, 1mA≤IOUT≤30mA VOUTx0.98 VOUTx1.02 V VIN=Set VOUT + 1V, 0mA≤IOUT≤150mA VOUTx0.97 VOUTx1.03 V Output Voltage VOUT VIN=9V, 0mA≤IOUT≤150mA VOUTx0.97 VOUTx1.03 V Output Current IOUT Refer to the Electrical Characteristics by Output Voltage Load Regulation ∆VOUT/∆IOUT VIN=Set VOUT + 1V, 1mA≤IOUT≤80mA 12 40 mV Dropout Voltage VDIF Refer to the Electrical Characteristics by Output Voltage Supply Current ISS VIN=Set VOUT + 1V 35 70 μA Supply Current (Standby) IST-BY VIN=VCE=Set VOUT + 1V 0.1 1.0 μA Line Regulation ∆VOUT/∆VIN Set VOUT + 0.5V≤VIN≤8V, IOUT=30mA 0.05 0.20 %/V Ripple Rejection RR f=1kHz, Ripple 0.5Vp-p, VIN=Set VOUT+ 1V 70 dB Input Voltage VIN 2 8 V Output Voltage Temperature Coefficient ∆VOUT/∆T IOUT = 30mA, -20°С≤TOPR≤85°С ±100 ppm/°С Short Current Limit ILIMIT VOUT=0V 200 mA CE Pull-up Resistance RPU 2.5 5.0 10.0 MΩ CE Input Voltage ”H” VCEH 1.5 VIN V CE Input Voltage ”L” VCEL 0.00 0.25 V Output Noise eN BW = 10Hz ~ 100kHz 30 μVrms LR1102B-XX (TOPR=25°С) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Output Voltage VOUT VIN=Set VOUT + 1V, 1mA≤IOUT≤30mA VOUTx0.98 VOUTx1.02 V Output Voltage VOUT VIN=Set VOUT + 1V, 0mA≤IOUT≤150mA VOUTx0.97 VOUTx1.03 V Output Voltage VOUT VIN=9V, 0mA≤IOUT≤150mA VOUTx0.97 VOUTx1.03 V Output Current IOUT Refer to the Electrical Characteristics by Output Voltage Load Regulation ∆VOUT/∆IOUT VIN=Set VOUT + 1V, 1mA≤IOUT≤80mA 12 40 mV Dropout Voltage VDIF Refer to the Electrical Characteristics by Output Voltage Supply Current ISS VIN=Set VOUT + 1V 35 70 μA Supply Current (Standby) IST-BY VIN= Set VOUT + 1V, VCE=GND 0.1 1.0 μA Line Regulation ∆VOUT/∆VIN Set VOUT + 0.5V≤VIN≤8V, IOUT=30mA 0.05 0.20 %/V Ripple Rejection RR f=1kHz, Ripple 0.5Vp-p VIN=Set VOUT + 1V 70 dB |