| データシートサーチシステム |
|
HSMA-A100-R45J1 データシート(PDF) 13 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
HSMA-A100-R45J1 データシート(HTML) 13 Page - Broadcom Corporation. |
|
13 / 17 page ![]() HSMx-A10x-xxxxx Data Sheet PLCC-2, Surface Mount LED Indicator Broadcom AV02-0198EN 13 Color Bin Select (X7) Individual reel will contain parts from one full bin only. Color Bin Limits X7 0 Full distribution Z A and B only Y B and C only W C and D only V D and E only U E and F only T F and G only S G and H only Q A, B, and C only P B, C, and D only N C, D, and E only M D, E, and F only L E, F, and G only K F, G, and H only 1 A, B, C, and D only 2 E, F, G, and H only 3 B, C, D, and E only 4 C, D, E, and F only 5 A, B, C, D, and E only 6 B, C, D, E, and F only Color Min. (nm) Max. (nm) Blue A 460.0 465.0 B 465.0 470.0 C 470.0 475.0 D 475.0 480.0 Green A 515.0 520.0 B 520.0 525.0 C 525.0 530.0 D 530.0 535.0 Emerald Green A 552.5 555.5 B 555.5 558.5 C 558.5 561.5 D 561.5 564.5 Yellow Green E 564.5 567.5 F 567.5 570.5 G 570.5 573.5 H 573.5 576.5 Amber A 582.0 584.5 B 584.5 587.0 C 587.0 589.5 D 589.5 592.0 E 592.0 594.5 F 594.5 597.0 Orange A 597.0 600.0 B 600.0 603.0 C 603.0 606.0 D 606.0 609.0 E 609.0 612.0 Red Orange A 611.0 616.0 B 616.0 620.0 Red Full distribution |