| データシートサーチシステム |
|
AD8432ACPZ-R7 データシート(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8432ACPZ-R7 データシート(HTML) 21 Page - Analog Devices |
|
21 / 32 page ![]() Data Sheet AD8432 Rev. D | Page 21 of 32 APPLICATIONS INFORMATION The AD8432 LNA provides precision gain and ultralow noise performance with minimal external components. Because it is a high performance part, care must be taken to ensure that it is configured optimally to attain the best performance and dynamic range for the system. TYPICAL SETUP The internal bias circuitry of the AD8432 sets the input bias voltage at 3.25 V and the output bias voltage at 2.5 V. It is important to ac couple the inputs through a capacitor to maintain the internal dc bias levels. When active input termination is used (RFB), a decoupling capacitor (CFB) is required to isolate the input and output bias voltages of the LNA. A typical value for CFB is 0.1 μF, but a smaller value capacitor is more appropriate at higher frequencies. The unterminated input impedance of the AD8432 is 6.2 kΩ. Any input resistance between 50 Ω and 6.2 kΩ can be synthesized using active impedance matching. At the lowest gain (12.04 dB), the gain response exhibits some peaking at higher frequencies. A resistor-capacitor shunt net- work (RC) at the input (see RSHx and CSHx in Figure 69) is recommended to reduce gain peaking and enhance stability at higher frequencies. Table 7 shows the recommended values of RFB, CSH, and RSH for all four gains and several input impedance combinations. The values for the CSH and RSH network are determined empirically and can be customized as needed to optimize performance. As RIN increases, the value of CSH diminishes, and for higher input impedance values, no capacitor may be required. RL RSH2 15Ω CSH2 47pF CL OUT2+ OUT2– LNA2 0.1µF 0.1µF 0.1µF 0.1µF FB 120nH IN2 INL2 IND2 INH2 OPH2 OPL2 GMH2 GOH2 GOL2 GML2 RFB2 CFB2 0.1µF CFB1 0.1µF AD8432 RL RSH1 15Ω CSH1 47pF CL OUT1+ OUT1– LNA1 BIAS 0.1µF 0.1µF 0.1µF 0.1µF 0.1µF 0.1µF FB 120nH IN1 INL1 IND1 INH1 OPH1 OPL1 GMH1 GOH1 GOL1 GML1 FB 120nH RFB1 G = 12dB COMM VPS2 VPS1 ENB Figure 69. Typical AD8432 Setup, G = 12.04 dB |