データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FLIPCHIP11 データシート(PDF) 8 Page - STMicroelectronics

部品番号 FLIPCHIP11
部品情報  4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLIPCHIP11 データシート(HTML) 8 Page - STMicroelectronics

Back Button FLIPCHIP11 Datasheet HTML 3Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 4Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 5Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 6Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 7Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 8Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 9Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 10Page - STMicroelectronics FLIPCHIP11 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ST4G3234
8/11
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.585
0.65
0.715
23.0
25.6
28.1
A1
0.21
0.25
0.29
8.3
9.8
11.4
A2
0.40
15.7
b
0.265
0.315
0.365
10.4
12.4
14.4
D
1.992.042.0978.380.3
82.3
D1
1.5
59.1
E
1.361.411.4653.555.5
57.5
E1
0.866
34.1
eD
0.2
0.25
0.30
7.9
9.8
11.8
eE
0.383
0.433
0.483
15.1
17.0
19.0
fD
0.270
10.6
fE
0.272
10.7
ccc
0.080
3.1
Flip-Chip11 MECHANICAL DATA
7224724E



Html Pages

1 2 3 4 5 6 7 8 9 10 11