| データシートサーチシステム |
|
LTC6752ISC6-1 データシート(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTC6752ISC6-1 データシート(HTML) 27 Page - Analog Devices |
|
27 / 30 page ![]() LTC6752/LTC6752-1/ LTC6752-2/LTC6752-3/ LTC6752-4 27 6752fc For more information www.linear.com/LTC6752 1.15 – 1.35 (NOTE 4) 1.80 – 2.40 0.15 – 0.30 6 PLCS (NOTE 3) SC6 SC70 1205 REV B 1.80 – 2.20 (NOTE 4) 0.65 BSC PIN 1 0.80 – 1.00 1.00 MAX 0.00 – 0.10 REF NOTE: 1. DIMENSIONS ARE IN MILLIMETERS 2. DRAWING NOT TO SCALE 3. DIMENSIONS ARE INCLUSIVE OF PLATING 4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR 5. MOLD FLASH SHALL NOT EXCEED 0.254mm 6. DETAILS OF THE PIN 1 IDENTIFIER ARE OPTIONAL, BUT MUST BE LOCATED WITHIN THE INDEX AREA 7. EIAJ PACKAGE REFERENCE IS EIAJ SC-70 8. JEDEC PACKAGE REFERENCE IS MO-203 VARIATION AB 2.8 BSC 0.47 MAX 0.65 REF RECOMMENDED SOLDER PAD LAYOUT PER IPC CALCULATOR 1.8 REF 1.00 REF INDEX AREA (NOTE 6) 0.10 – 0.18 (NOTE 3) 0.26 – 0.46 GAUGE PLANE 0.15 BSC 0.10 – 0.40 SC6 Package 6-Lead Plastic SC70 (Reference LTC DWG # 05-08-1638 Rev B) package DescripTion Please refer to http://www.linear.com/product/LTC6752#packaging for the most recent package drawings. |