| データシートサーチシステム |
|
HCF4024B データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4024B データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 10 page ![]() HCF4024B 5/10 DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns) (*) Typical temperature coefficient for all VDD value is 0.3 %/°C. Symbol Parameter Test Condition Value (*) Unit VDD (V) Min. Typ. Max. INPUT-PULSE OPERATION tPLH tPHL Propagation Delay Time ( ∅ to Q1 Out) 5 180 360 ns 10 80 160 15 65 130 tPLH tPHL Propagation Delay Time (Qn to Qn+1) 5 100 200 ns 10 40 80 15 30 60 tTHL tTLH Transition Time 5 100 200 ns 10 50 100 15 40 80 tW Minimum Input Pulse Width 570 140 ns 10 30 60 15 20 40 tr , tf Input Pulse Rise and Fall Time 5 unlimited µs 10 15 fmax Maximum Clock Input Frequency 5 3.5 7 MHz 10 8 16 15 12 24 RESET OPERATION tPHL Propagation Delay Time 5 140 280 ns 10 60 120 15 50 100 tW Minimum Reset Pulse Width 5 100 200 ns 10 40 80 15 30 60 tREM Reset Removal Time 5 175 350 ns 10 75 150 15 50 100 |