| データシートサーチシステム |
|
LT6233CS6 データシート(PDF) 18 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT6233CS6 データシート(HTML) 18 Page - Linear Technology |
|
18 / 24 page ![]() LT6233/LT6233-10/ LT6234/LT6235 18 623345f APPLICATIO S I FOR ATIO With RS + RG||RFB = 225Ω the total noise of the amplifier is: eN=√(1.9nV)2+(1.9nV)2 = 2.69nV/√Hz Below this resistance value, the amplifier dominates the noise, but in the region between 225 Ω and about 30k, the noise is dominated by the resistor thermal noise. As the total resistance is further increased beyond 30k, the amplifier noise current multiplied by the total resistance eventually dominates the noise. The product of eN • √ISUPPLY is an interesting way to gauge low noise amplifiers. Most low noise amplifiers with low eN have high ISUPPLY current. In applications that require low noise voltage with the lowest possible supply current, this product can prove to be enlightening. The LT6233/ LT6234/LT6235 have an eN • √ISUPPLY product of only 2.1 per amplifier, yet it is common to see amplifiers with similar noise specifications to have eN • √ISUPPLY as high as 13.5. For a complete discussion of amplifier noise, see the LT1028 data sheet. Enable Pin The LT6233 and LT6233-10 include an ENABLE pin that shuts down the amplifier to 10 µA maximum supply cur- rent. The ENABLE pin must be driven high to within 0.35V of V+ to shut down the supply current. This can be accomplished with simple gate logic; however care must be taken if the logic and the LT6233 operate from different supplies. If this is the case, then open drain logic can be used with a pull-up resistor to ensure that the amplifier remains off. See Typical Characteristic Curves. The output leakage current when disabled is very low; however, current can flow into the input protection diodes D1 and D2 if the output voltage exceeds the input voltage by a diode drop. |