データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCV47722. データシート(PDF) 4 Page - ON Semiconductor

部品番号 NCV47722.
部品情報  High Side Switch with Adjustable Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47722. データシート(HTML) 4 Page - ON Semiconductor

  NCV47722. Datasheet HTML 1Page - ON Semiconductor NCV47722. Datasheet HTML 2Page - ON Semiconductor NCV47722. Datasheet HTML 3Page - ON Semiconductor NCV47722. Datasheet HTML 4Page - ON Semiconductor NCV47722. Datasheet HTML 5Page - ON Semiconductor NCV47722. Datasheet HTML 6Page - ON Semiconductor NCV47722. Datasheet HTML 7Page - ON Semiconductor NCV47722. Datasheet HTML 8Page - ON Semiconductor NCV47722. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NCV47722
www.onsemi.com
4
Table 2. MAXIMUM RATINGS
Rating
Symbol
Min
Max
Unit
Input Voltage DC
Vin
−42
45
V
Input Voltage (Note 1)
Load Dump − Suppressed
Us*
60
V
Enable Input Voltage
VEN
−42
45
V
Output Voltage Monitoring
Vout_FB
−0.3
10
V
CSO Voltage
VCSO
−0.3
7
V
DE, CS and EF Voltages
VDE, VCS, VEF
−0.3
7
V
Output Voltage
Vout
−1
40
V
Junction Temperature
TJ
−40
150
°C
Storage Temperature
TSTG
−55
150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Load Dump Test B (with centralized load dump suppression) according to ISO16750−2 standard. Guaranteed by design. Not tested in
production. Passed Class A according to ISO16750−1.
Table 3. ESD CAPABILITY (Note 2)
Rating
Symbol
Min
Max
Unit
ESD Capability, Human Body Model
ESDHBM
−2
2
kV
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (JS−001−2010)
Field Induced Charge Device Model ESD characterization is not performed on plastic molded packages with body sizes < 50 mm2 due
to the inability of a small package body to acquire and retain enough charge to meet the minimum CDM discharge current waveform
characteristic defined in JEDEC JS−002−2014.
Table 4. LEAD SOLDERING TEMPERATURE AND MSL (Note 3)
Rating
Symbol
Min
Max
Unit
Moisture Sensitivity Level
MSL
1
3. For more information, please refer to our Soldering and Mounting Techniques Reference Manual, SOLDERRM/D
THERMAL CHARACTERISTICS (Note 4)
Rating
Symbol
Value
Unit
Thermal Characteristics (single layer PCB)
Thermal Resistance, Junction−to−Air (Note 5)
Thermal Reference, Junction−to−Lead (Note 5)
RθJA
RψJL
62.6
23.7
°C/W
Thermal Characteristics (4 layers PCB)
Thermal Resistance, Junction−to−Air (Note 5)
Thermal Reference, Junction−to−Lead (Note 5)
RθJA
RψJL
44.1
16.8
°C/W
4. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
5. Values based on copper area of 645 mm2 (or 1 in2) of 1 oz copper thickness and FR4 PCB substrate. Single layer − according to JEDEC51.3,
4 layers − according to JEDEC51.7
Table 5. RECOMMENDED OPERATING RANGES
Rating
Symbol
Min
Max
Unit
Input Voltage (Note 6)
Vin
4.4
40
V
Output Current Limit (Note 7)
ILIM
10
350
mA
Junction Temperature
TJ
−40
150
°C
Current Sense Output (CSO) Capacitor
CCSO
1
4.7
mF
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
6. Minimum Vin = 4.4 V or (Vout + 0.5 V), whichever is higher.
7. Corresponding RCSO is in range from 76.5 kW down to 2185 W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com