データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SCAN182245ASSCX データシート(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 SCAN182245ASSCX
部品情報  Non-Inverting Transceiver with 25OHM Series Resistor Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN182245ASSCX データシート(HTML) 2 Page - National Semiconductor (TI)

  SCAN182245ASSCX Datasheet HTML 1Page - National Semiconductor (TI) SCAN182245ASSCX Datasheet HTML 2Page - National Semiconductor (TI) SCAN182245ASSCX Datasheet HTML 3Page - National Semiconductor (TI) SCAN182245ASSCX Datasheet HTML 4Page - National Semiconductor (TI) SCAN182245ASSCX Datasheet HTML 5Page - National Semiconductor (TI) SCAN182245ASSCX Datasheet HTML 6Page - National Semiconductor (TI) SCAN182245ASSCX Datasheet HTML 7Page - National Semiconductor (TI) SCAN182245ASSCX Datasheet HTML 8Page - National Semiconductor (TI) SCAN182245ASSCX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Truth Tables
Inputs
A1(0–8)
B1(0–8)
G1
DIR1
LL
H
w H
LL
L
w L
LH
H
x H
LH
L
x L
HX
Z
Z
Inputs
A2(0–8)
B2(0–8)
G2
DIR2
LL
H
w H
LL
L
w L
LH
H
x H
LH
L
x L
HX
Z
Z
H e HIGH Voltage Level
L
e
LOW Voltage Level
X e Immaterial
Z e High Impedance
e
Inactive-to-Active transition must occur to enable outputs upon
power-up
Functional Description
The SCAN182245A consists of two sets of nine non-invert-
ing bidirectional buffers with TRI-STATE outputs and is in-
tended for bus-oriented applications Direction pins (DIR1
and DIR2) LOW enables data from B ports to A ports when
HIGH enables data from A ports to B ports The Output
Enable pins (G1 and G2) when HIGH disables both A and B
ports by placing them in a high impedance condition
Block Diagrams
A1 B1 G1 and DIR1
TLF11657 – 2
Note
BSR stands for Boundary Scan Register
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18