| データシートサーチシステム |
|
SCAN182245CSSCQB データシート(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
SCAN182245CSSCQB データシート(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 18 page ![]() Truth Tables Inputs A1(0–8) B1(0–8) G1 DIR1 LL H w H LL L w L LH H x H LH L x L HX Z Z Inputs A2(0–8) B2(0–8) G2 DIR2 LL H w H LL L w L LH H x H LH L x L HX Z Z H e HIGH Voltage Level L e LOW Voltage Level X e Immaterial Z e High Impedance e Inactive-to-Active transition must occur to enable outputs upon power-up Functional Description The SCAN182245A consists of two sets of nine non-invert- ing bidirectional buffers with TRI-STATE outputs and is in- tended for bus-oriented applications Direction pins (DIR1 and DIR2) LOW enables data from B ports to A ports when HIGH enables data from A ports to B ports The Output Enable pins (G1 and G2) when HIGH disables both A and B ports by placing them in a high impedance condition Block Diagrams A1 B1 G1 and DIR1 TLF11657 – 2 Note BSR stands for Boundary Scan Register http www nationalcom 2 |