| データシートサーチシステム |
|
TAS5000 データシート(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS5000 データシート(HTML) 16 Page - Texas Instruments |
|
16 / 24 page ![]() 2–6 • Left channel is received when LRCLK is low. • Right channel is received when LRCLK is high. • SDIN is sampled with the rising edge of SCLK. 2.8.3 MSB Left Justified Serial Interface Format (for 16 bits) MSB LSB MSB LSB SCLK LRCLK = Fs SDIN Left Channel Right Channel Figure 2–8. MSB Left Justified Serial Interface Format Note the following characteristics of this protocol. • Left channel is received when LRCLK is high. • Right channel is received when LRCLK is low. • The SDIN data is justified to the leading edge of the LRCLK. • SDIN is sampled with the rising edge of SCLK. 2.8.4 DSP Compatible Serial Interface Format (for 16 bits) SCLK LRCLK = Fs SDIN Left Channel (MSB = 15) Right Channel (MSB = 15) 15 14 13 0 15 14 13 0 Figure 2–9. DSP Compatible Serial Interface Format Note the following characteristics of this protocol. • Serial data is sampled with the falling edge of SCLK. 2.9 PWM Outputs Designed to be used with TAS5100. |