| データシートサーチシステム |
|
MP5034 データシート(PDF) 15 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP5034 データシート(HTML) 15 Page - Monolithic Power Systems |
|
15 / 15 page ![]() MP5034 – USB CHARGING PORT CONTROLLER INTEGRATING QC 3.0 PROTOCOL NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications. Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not assume any legal responsibility for any said applications. MP5034 Rev 1.0 www.MonolithicPower.com 15 10/20/2017 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2017 MPS. All Rights Reserved. PACKAGE INFORMATION TSOT23-8 FRONT VIEW NOTE: 1) ALL DIMENSIONS ARE IN MILLIMETERS. 2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH, PROTRUSION OR GATE BURR. 3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. 4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.10 MILLIMETERS MAX. 5) JEDEC REFERENCE IS MO-193, VARIATION BA. 6) DRAWING IS NOT TO SCALE. 7) PIN 1 IS LOWER LEFT PIN WHEN READING TOP MARK FROM LEFT TO RIGHT, (SEE EXAMPLE TOP MARK) TOP VIEW RECOMMENDED LAND PATTERN SEATING PLANE SIDE VIEW DETAIL ''A'' SEE DETAIL ''A'' IAAAA PIN 1 ID See note 7 EXAMPLE TOP MARK |