| データシートサーチシステム |
|
TLP3111 データシート(PDF) 2 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLP3111 データシート(HTML) 2 Page - Toshiba Semiconductor |
|
2 / 5 page ![]() TLP3111 2002-09-25 2 Maximum Ratings (Ta = 25°C) Characteristic Symbol Rating Unit Forward current IF 50 mA Reverse voltage VR 6 V Junction temperature Tj 125 °C Off -state output voltage VOFF 80 V On -state current ION 100 mA Junction temperature Tj 125 °C Storage temperature Tstg -40~125 °C Operating temperature Topr -20~85 °C Lead solder temperature (10 s) Tsol 260 °C Isolation voltage (AC, 1 min., R.H.≤ 60%) (Note 1) BVS 1500 Vrms (Note 1): Device considered a two -terminal device: Pins 1 and 3 shorted together, and pins 4 and 6 shorted together. Recommended Operating Conditions Characteristic Symbol Min. Typ. Max. Unit Supply voltage VOFF ― ― 64 V Forward current IF 10 ― 30 mA On -state current ION ― ― 100 mA Operating temperature Topr 25 ― 50 °C Individual Electrical Characteristics (Ta = 25°C) Characteristic Symbol Test Condition Min. Typ. Max. Unit Forward voltage VF IF = 20 mA 1.0 1.2 1.4 V Reverse voltage IR VR = 6 V — — 10 µA Capacitance CT V = 0, f = 1 MHz — 15 — pF Off -state current IOFF VOFF = 30 V, Ta = 50°C — 0.05 1 nA Capacitance COFF V = 0, f = 1 MHz — 11 15 pF Coupled Electrical Characteristics (Ta = 25°C) Characteristic Symbol Test Condition MIn. Typ. Max. Unit Trigger LED current IFT ION = 100 mA — — 4 mA On -state resistance RON ION = 100 mA, IF = 5 mA — 16 20 Ω |