| データシートサーチシステム |
|
LR9270LL-12-AE5-R データシート(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR9270LL-12-AE5-R データシート(HTML) 4 Page - Unisonic Technologies |
|
4 / 7 page ![]() LR9270 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 4 of 7 www.unisonic.com.tw QW-R502-A62.E ABSOLUTE MAXIMUM RATING PARAMETER SYMBOL RATINGS UNIT Input Voltage VIN 7.0 V Input Voltage( CE or CE Input Pin) VCE -0.3 ~ VIN+0.3 V Output Voltage VOUT -0.3 ~ VIN+0.3 V Output Current IOUT 0.8 A Power Dissipation PD Internally limited Operating Temperature TOPT -40~85 °C Storage Temperature TSTG -55~125 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified) LR9270L-xx PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Input Voltage VIN 6.0 V Supply Current1 ISS1 VIN-VOUT=1.0V, VCE=GND 80 160 µA Standby Current ISTB VIN=VCE=6.0V 0.1 1.0 µA Output Voltage VOUT VIN-VOUT=1.0V, IOUT=100mA x0.98 x1.02 V Output Current IOUT1 VIN-VOUT=1.0V 800 mA Load Regulation ∆VOUT VIN-VOUT=1.0V, 1mA≤IOUT≤300mA 30 100 mV VOUT=1.2 0.60 0.70 V VOUT=1.5 0.35 0.45 V VOUT=1.6 0.30 0.35 V VOUT=1.7 0.25 0.30 V VOUT=1.8≤VOUT≤2.0 0.20 0.25 V VOUT=2.1≤VOUT≤2.4 0.15 0.20 V Dropout Voltage VDIF IOUT=300mA VOUT=2.5≤VOUT≤4.0 0.12 0.18 V Line Regulation ∆VOUT/∆VIN IOUT=100mA, VOUT+0.5V≤VIN≤6.0V 0.05 0.30 %/V Ripple Rejection RR f=1kHz,Ripple 0.5VP-P,VIN-VOUT=1.0V 50 dB Output Voltage Temperature Coefficient ∆VOUT/∆T IOUT=10mA, -40°C ≤ TA ≤ 85°C ±100 ppm /°C Short Current Limit ILIM VOUT=0V 40 mA Pull-up resistance for CE pin RPU 5.0 MΩ CE Input Voltage “H” VCEH 1.50 V CE Input Voltage “L” VCEL 0.25 V |