| データシートサーチシステム |
|
LR9101L-10-AE3-R データシート(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR9101L-10-AE3-R データシート(HTML) 4 Page - Unisonic Technologies |
|
4 / 5 page ![]() LR9101 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 4 of 5 www.unisonic.com.tw QW-R502-A14.L ABSOLUTE MAXIMUM RATING PARAMETER SYMBOL RATINGS UNIT Input Voltage VIN 6 V Input Voltage (CE Pin) VCE 6 V Output Voltage VOUT -0.3~ VIN+0.3 V Output Current IOUT 400 mA SOT-23/SOT-23-3 280 mW SOT-23-5 300 mW SOT-343 250 mW Power Dissipation SOT-353 PD 260 mW Junction Temperature TJ +125 °С Operating Temperature TOPR -40~+85 °С Storage Temperature TSTG -55~+125 °С Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (TA=25°С, VIN=Set VOUT+1V, IOUT=1mA, CI =CO=1µF, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT VOUT > 2.0V ×0.99 ×1.01 V Output Voltage VOUT VIN = Set VOUT+1V, VOUT ≤ 2.0V ±20 mV Input Voltage VIN 6 V Load Regulation ∆VOUT 1mA≤IOUT≤150mA 20 40 mV Output Current IOUT 300 mA Supply Current ISS I OUT=0A 50 µA Supply Current (Standby) IST-BY VCE=0V 0.1 2 µA Short Current Limit ILIMIT VOUT=0V 200 mA CE Pull-down Current IPD 0.3 µA High VCEH 1.5 V CE Input Voltage Low VCEL 1.1 V Output Noise eN BW=10Hz to 100kHz, IOUT =30mA 30 µVrms Ripple Rejection RR f=1kHz, Ripple 0.2VRMS VIN=Set VOUT+1V, IOUT=30mA (In case that V OUT=2.0V, VIN=3V) 70 dB 1.0V≤VOUT<1.2V 0.60 1.2V≤VOUT<1.5V 0.40 1.5V≤VOUT<1.7V 0.24 1.7V≤VOUT<2.0V 0.21 2.0V≤VOUT<2.5V 0.19 2.5V≤VOUT<2.8V 0.17 Dropout Voltage VD IOUT=150mA 2.8V≤VOUT≤5.0V 0.15 V Line Regulation IN OUT ∆V ∆V 1.2V≤VOUT≤4.0V, VSET+0.5V≤VIN≤5V 0.02 0.10 %/V |