| データシートサーチシステム |
|
CDCM1802RGTT データシート(PDF) 14 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CDCM1802RGTT データシート(HTML) 14 Page - Texas Instruments |
|
14 / 22 page ![]() CDCM1802 CLOCK BUFFER WITH PROGRAMMABLE DIVIDER, LVPECL I/O + ADDITIONAL LVCMOS OUTPUT SCAS759 − APRIL 2004 14 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION LVPECL receiver input termination The input of the CDCM1802 has high impedance and comes with a very large common mode voltage range. For optimized noise performance it is recommended to properly terminate the PCB trace (transmission line). Additional termination techniques can be found in the following application notes: SCAA062 and SCAA059. http://focus.ti.com/docs/apps/catalog/resources/appnoteabstract.jhtml?abstractName=scaa062 http://focus.ti.com/docs/apps/catalog/resources/appnoteabstract.jhtml?abstractName=scaa059 IN LVPECL 150 Ω 150 Ω CAC CAC 50 Ω 50 Ω IN CDCM1802 C VBB 50 Ω 50 Ω Figure 13. Recommended AC-Coupling LVPECL Receiver Input Termination LVPECL 130 Ω 83 Ω CDCM1802 50 Ω 50 Ω 130 Ω 83 Ω Figure 14. Recommended DC-Coupling LVPECL Receiver Input Termination |