データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ICS270PGILF データシート(PDF) 3 Page - Integrated Circuit Systems

部品番号 ICS270PGILF
部品情報  Triple PLL Field Programmable VCXO Clock Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ICST [Integrated Circuit Systems]
ホームページ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS270PGILF データシート(HTML) 3 Page - Integrated Circuit Systems

  ICS270PGILF Datasheet HTML 1Page - Integrated Circuit Systems ICS270PGILF Datasheet HTML 2Page - Integrated Circuit Systems ICS270PGILF Datasheet HTML 3Page - Integrated Circuit Systems ICS270PGILF Datasheet HTML 4Page - Integrated Circuit Systems ICS270PGILF Datasheet HTML 5Page - Integrated Circuit Systems ICS270PGILF Datasheet HTML 6Page - Integrated Circuit Systems ICS270PGILF Datasheet HTML 7Page - Integrated Circuit Systems ICS270PGILF Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Triple PLL Field Programmable VCXO Clock
MDS 270 B
3
Revision 040705
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS270
PRELIMINARY INFORMATION
External Components
The ICS270 requires a minimum number of external
components for proper operation.
Series Termination Resistor
Clock output traces over one inch should use series
termination. To series terminate a 50
Ω trace (a
commonly used trace impedance), place a 33
Ω resistor
in series with the clock line, as close to the clock output
pin as possible. The nominal impedance of the clock
output is 20
Ω.
Decoupling Capacitors
As with any high-performance mixed-signal IC, the
ICS270 must be isolated from system power supply
noise to perform optimally.
Decoupling capacitors of 0.01µF must be connected
between each VDD and the PCB ground plane. For
optimum device performance, the decoupling capacitor
should be mounted on the component side of the PCB.
Avoid the use of vias on the decoupling circuit.
Quartz Crystal
The ICS270 VCXO function consists of the external
crystal and the integrated VCXO oscillator circuit. To
assure the best system performance (frequency pull
range) and reliability, a crystal device with the
recommended parameters (shown below) must be
used, and the layout guidelines discussed in the
following section shown must be followed.
The frequency of oscillation of a quartz crystal is
determined by its “cut” and by the load capacitors
connected to it. The ICS270 incorporates on-chip
variable load capacitors that “pull” (change) the
frequency of the crystal. The crystal specified for use
with the ICS270 is designed to have zero frequency
error when the total of on-chip + stray capacitance is 14
pF.
Recommended Crystal Parameters:
Initial Accuracy at 25°C
±20 ppm
Temperature Stability
±30 ppm
Aging
±20 ppm
Load Capacitance
14 pf
Shunt Capacitance, C0
7 pF Max
C0/C1 Ratio
250 Max
Equivalent Series Resistance
35
Ω Max
The external crystal must be connected as close to the
chip as possible and should be on the same side of the
PCB as the ICS270. There should be no via’s between
the crystal pins and the X1 and X2 device pins. There
should be no signal traces underneath or close to the
crystal. See application note MAN05.
Crystal Tuning Load Capacitors
The crystal traces should include pads for small fixed
capacitors, one between X1 and ground, and another
between X2 and ground. Stuffing of these capacitors
on the PCB is optional. The need for these capacitors is
determined at system prototype evaluation, and is
influenced by the particular crystal used (manufacture
and frequency) and by PCB layout. The typical required
capacitor value is 1 to 4 pF.
To determine the need for and value of the crystal
adjustment capacitors, you will need a PC board of
your final layout, a frequency counter capable of about
1 ppm resolution and accuracy, two power supplies,
and some samples of the crystals which you plan to
use in production, along with measured initial accuracy
for each crystal at the specified crystal load
capacitance, CL.
To determine the value of the crystal capacitors:
1. Connect VDD of the ICS270 to 3.3 V. Connect pin 1
of the ICS270 to the second power supply. Adjust the
voltage on pin 1 to 0V. Measure and record the
frequency of the CLK output.
2. Adjust the voltage on pin 1 to 3.3 V. Measure and
record the frequency of the same output.
To calculate the centering error:
Where:
ftarget = nominal crystal frequency
Error
10
6
x
f
3.0V
f
tet
arg
–
() f
0V
f
tet
arg
–
()
+
f
tet
arg
-----------------------------------------------------------------------
error
xtal
–
=



Html Pages

1 2 3 4 5 6 7 8