データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41T62 データシート(PDF) 30 Page - STMicroelectronics

部品番号 M41T62
部品情報  Serial Access Real-Time Clock with Alarms
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 データシート(HTML) 30 Page - STMicroelectronics

Back Button M41T62 Datasheet HTML 25Page - STMicroelectronics M41T62 Datasheet HTML 26Page - STMicroelectronics M41T62 Datasheet HTML 27Page - STMicroelectronics M41T62 Datasheet HTML 28Page - STMicroelectronics M41T62 Datasheet HTML 29Page - STMicroelectronics M41T62 Datasheet HTML 30Page - STMicroelectronics M41T62 Datasheet HTML 31Page - STMicroelectronics M41T62 Datasheet HTML 32Page - STMicroelectronics M41T62 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
M41T62/63/64/65
30/33
Figure 29. QFN16 – 16-lead, Quad, Flat Package, No Lead, 3x3mm, Recommended Footprint
Note: Dimensions shown are in millimeters (mm).
Figure 30. 32KHz Crystal + QFN16 vs. VSOJ20 Mechanical Data
Note: Dimensions shown are in millimeters (mm).
0.28
1.60
3.55
2.0
AI09126
1
XI
2
XO
3
4
AI11146
ST QFN16
SMT
CRYSTAL
VSOJ20
2.9
2.9
1.5
3.2
6.0 ± 0.2
7.0 ± 0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33