データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GT25-28DP-2.2H データシート(PDF) 3 Page - Hirose Electric

部品番号 GT25-28DP-2.2H
部品情報  Metal holddowns to solder by reflow are used instead of screws for PCB mounting.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HIROSE [Hirose Electric]
ホームページ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT25-28DP-2.2H データシート(HTML) 3 Page - Hirose Electric

  GT25-28DP-2.2H Datasheet HTML 1Page - Hirose Electric GT25-28DP-2.2H Datasheet HTML 2Page - Hirose Electric GT25-28DP-2.2H Datasheet HTML 3Page - Hirose Electric GT25-28DP-2.2H Datasheet HTML 4Page - Hirose Electric GT25-28DP-2.2H Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
197
GT25 Series ● Interface Connector
D
E
0.75±0.03
1.1±0.05
2
+0.1
 0
+0.05
 0
GT25H-*DP-2.2H
Part No.
HRS No.
Color
Material
/
Plating
No. of
Contacts
A
Dimension
B
Dimension
C
Dimension
D
Dimension
E
Dimension
Packaging
RoHS
GT25H-12DP-2.2H
775-0038-3
Black
PPS
Brass
/
Tin plating
12
23.7
19.3
20.73
12.1±0.05
20.73±0.05
200 pcs/reel
YES
GT25H-20DP-2.2H
(Under
development)
20
32.5
28.1
29.53
20.9±0.05
29.53±0.05
GT25H-24DP-2.2H
775-0045-9
24
36.9
32.5
33.93
25.3±0.05
33.93±0.05
GT25H-32DP-2.2H
(Under
development)
32
45.7
41.3
42.73
34.1±0.05
42.73±0.05
0.4
A
B
C
2.2
0.64
0.4
9.65
8
0.8
4.3
2H
Improved prying force
BRecommended PCB pattern
GT25H-*DP-2.2V
推奨基板寸法図
6ר1.2
+0.05
 0
E
2 +0.1
 
0
D
2.2±0.05
1.2±0.05
9.65
6ר1.2
+0.05
 0
2 +
 
2.2±0.05
1.2±0.05
A
2.2
B
C
0.4
0.8
4.3
4.825
9.65
0.6
0.64
Part No.
HRS No.
Color
Material
/
Plating
No. of
Contacts
A
Dimension
B
Dimension
C
Dimension
D
Dimension
E
Dimension
Packaging
RoHS
GT25H-12DP-2.2V
775-0050-9
Black
PPS
Brass
/
Tin plating
12
23.7
19.3
20.73
11±0.05
20.73±0.05
1
YES
GT25H-24DP-2.2V
(Under
development)
24
36.9
32.5
33.93
24.2±0.05
33.93±0.05
GT25H-32DP-2.2V
775-0053-7
32
45.7
41.3
42.73
33±0.05
42.73±0.05
Improved prying force
BRecommended PCB pattern



Html Pages

1 2 3 4 5