| データシートサーチシステム |
|
HSC-R2-B データシート(PDF) 2 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
HSC-R2-B データシート(HTML) 2 Page - Hirose Electric |
|
2 / 21 page ![]() 28 Part Material Simplex plug housing Synthetic resin Spring Stainless Steel Ferrule Zirconia Simplex adapter housing Synthetic resin or Zinc alloy 4-position adapter housing Synthetic resin 5-position adapter housing Synthetic resin Receptacle housing Zinc alloy Attenuator housing Zinc alloy Split sleeve Zirconia or copper alloy Dust cap Synthetic resin sProduct Specifications Ratings Operating temperature range -25°C to +70°C (SM) (GI) Storage temperature range -25°C to +70°C sMaterials Item Test Method (IEC 61300) Specifications Insertion Loss Wavelength 1310nm (LD) 0.5dB max. (PC, AdPC, APC) Wavelength 1310nm (LED) 0.3dB max. (PC) Return Loss Wavelength 1310nm (LD) Engagement and Separation /force Ferrule withdrawal force Extract zirconia gauge 2.499 ±0.0005 mm dia Copper alloy split sleeve 2N to 5.9N from split sleeve. Zirconia split sleeve 2N to 3.9N Cable retention 89N tensile load for one minute. 1) Insertion loss fluctuation after test: 0.2dB max. (Straight pull) 2) No visible damage, dislocation of clamp or cable. Durability 1000 times (cycles, mating/un-mating) Vibration Shock Humidity -10°C to 65°C, humidity: 90% to 96% (Temperature/ humidity- cycles) 20 cycles Change of temperature -40°C to +75°C 42 cycles (Complies with Telcordia standard GR-326-CORE) Dry heat 960 hours at 85°C Cold 960 hours at -25°C Salt mist 48 hours in a 5% concentration of salt mist No significant corrosion. Measured with corresponding connector. Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 axis. Acceleration of 981 m/s2, 6 ms duration, sin half-wave waveform, 10 cycles in each of the 3 axis. Simplex plug Engagement force: 19.6 N max. Separation force: 19.6 N max. Duplex plug Engagement force: 39 N max. Separation force: 39 N max. 1) Insertion loss fluctuation after test: 0.2dB max. 2) No visible damage, cracks or part dislocation. (SM) (GI) 22dB min. (PC) 40dB min. (AdPC) 60dB min. (APC) 22dB min. (PC) |