| データシートサーチシステム |
|
MICRF009 データシート(PDF) 14 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MICRF009 データシート(HTML) 14 Page - Micrel Semiconductor |
|
14 / 16 page ![]() Micrel MICRF009 January 18, 2005 14 M9999-011805 (408) 955-1690 PCB Layout Information The MICRF009 evaluation board was designed and characterized using two sided 0.031 inch thick FR4 material with 1 ounce copper clad. If another type of printed circuit board material were to be substituted, impedance matching and characterization data stated in this document may not be valid. The Bill of Materials and gerber files for this board can be downloaded from the Micrel website at www.micrel.com. PCB Solder Side Layout PCB Component Layout PCB Silk Screen PCB for QR009HPF |