| データシートサーチシステム |
|
LR71825AG-S08-R データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR71825AG-S08-R データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 7 page ![]() LR7XXYY Advance CMOS IC UNISONICTECHNOLOGIESCO.,LTD 2 of 7 www.unisonic.com.tw QW-R102-068.b ORDERING INFORMATION Ordering Number Lead Free Halogen Free Package Packing LR7XXYYAL-S08-R LR7XXYYAG-S08-R SOP-8 Tape Reel LR7XXYYAL-SH2-R LR7XXYYAG-SH2-R HSOP-8 Tape Reel Note: XXYY: Output Voltage, refer to Marking Information. (1) R: Tape Reel (2) S08: SOP-8, SH2: HSOP-8 (3) G: Halogen Free and Lead Free (4) A: without auto-discharge function at off state (5) YY: refer to Marking Information (6) XX: refer to Marking Information LR7XXYYAG-S08-R (1)Packing Type (2)Package Type (3)Green Package (4)Discharge Function (5)Voltage Code at VOUT2 (6)Voltage Code at VOUT1 |