データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV0684 データシート(PDF) 11 Page - STMicroelectronics

部品番号 STV0684
部品情報  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 データシート(HTML) 11 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 7Page - STMicroelectronics STV0684 Datasheet HTML 8Page - STMicroelectronics STV0684 Datasheet HTML 9Page - STMicroelectronics STV0684 Datasheet HTML 10Page - STMicroelectronics STV0684 Datasheet HTML 11Page - STMicroelectronics STV0684 Datasheet HTML 12Page - STMicroelectronics STV0684 Datasheet HTML 13Page - STMicroelectronics STV0684 Datasheet HTML 14Page - STMicroelectronics STV0684 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
11/49
STV0684
Signal Description
Audio interface: total 6 pins of which 2 are sfps
CBS
C11
ANA
Audio Vbias
AP
A11
ANA
Audio ADC Differential input
AN
D10
ANA
Audio ADC differential input
VC
C14
ANA
Audio PLL filter
PWM OUT
E10
I/O
SFP0
DAC: Pulse Width Modulator output
ENABLE
C6
I/O
SFP17
ENABLE external audio amplifier
NAND (Smartmedia) & Compact-flash interface: total 29 pins all of which are SFPs
IO0
E4
I/O
SFP35
SMC D0 - CF D00
IO1
E3
I/O
SFP36
SMC D1 - CF D01
IO2
D1
I/O
SFP37
SMC D2 - CF D02
IO3
E2
I/O
SFP38
SMC D3 - CF D03
IO4
E1
I/O
SFP39
SMC D4 - CF D04
IO5
F5
I/O
SFP40
SMC D5 - CF DO5
IO6
F3
I/O
SFP41
SMC D6 - CF DO6
IO7
G3
I/O
SFP42
SMC D7 - CF DO7
NAND CS
F1
I/O
SFP43
Nand Chip select
WE
G7
I/O
SFP44
SMC WE - CF WE
ALE OE
G2
I/O
SFP45
SMC ALE - CF OE
CLE RDY
J1
I/O
SFP46
SMC CLE - CF READY
RB WAIT
J4
I/O
SFP47
SMC R/-B - CF WAIT
RE REG
J2
I/O
SFP48
SMC RE - CF REG
CS CARD EN
J5
I/O
SFP49
SMC CS - CF CE1
WRIT_PROT
CARD DET1
K1
I/O
SFP50
SMC WP - CF WP
CARD_DET
CARD DET2
K5
I/O
SFP51
SMC CD - CF CD1
CFA0
K2
I/O
SFP52
CF A00
CFA1
L1
I/O
SFP53
CF A01
CFA2
L2
I/O
SFP54
CF A02
CFA3
L3
I/O
SFP55
CF A03
CFA4
M1
I/O
SFP56
CF AO4
CFA5
M2
I/O
SFP57
CF A05
CFA6
N1
I/O
SFP58
CF A06
CFA7
N2
I/O
SFP59
CF A07
Table 1: STV0684 signal description1
Pin name
Location
Type
SFP
number
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49