| データシートサーチシステム |
|
TDA7419 データシート(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7419 データシート(HTML) 27 Page - STMicroelectronics |
|
27 / 30 page ![]() 27/30 TDA7419 Table 18. Spectrum Analyzer / Clock Source / AC Mode (16) Table 19. Testing Audio Processor (17) MSB LSB FUNCTION D7 D6 D5 D4 D3 D2 D1 D0 0 1 Spectrum Analyzer Filter Q Factor 3.5 1.75 0 1 Reset Mode IIC Auto 0 1 Spectrum Analyzer Source Bass InGain 0 1 Spectrum Analyzer Run on off 0 1 Reset on off 0 1 Clock Source internal external 0 0 1 1 0 1 0 1 Coupling Mode DC Coupling (without DSO) AC coupling after InGain DC Coupling (with DSO) AC coupling after Bass MSB LSB FUNCTION D7 D6 D5 D4 D3 D2 D1 D0 0 1 Audio Processor Testing Mode off on 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 x x x x x x x x Test Multiplexer Left InGain Left InGain Left Loudness Left Loudness Left Volume Left Volume Left Treble Left Treble Left Middle SMCLK Left Bass VrefSCR VGB1.26 SSCLK Clock200 Mon Ref5V5 BPout<1> BPout<2> BPout<3> BPout<4> BPout<5> BPout<6> BPout<7> xx Not used |