| データシートサーチシステム |
|
WM8591GEDS/RV データシート(PDF) 17 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8591GEDS/RV データシート(HTML) 17 Page - Wolfson Microelectronics plc |
|
17 / 50 page ![]() Product Preview WM8591 w PP Rev 1.0 May 2005 17 Figure 8 Typical Power up Sequence where DVDD is Powered before AVDD Figure 9 Typical Power up Sequence where AVDD is Powered before DVDD Typical POR Operation (typical values, not tested) SYMBOL MIN TYP MAX UNIT Vpora 0.5 0.7 1.0 V Vporr 0.5 0.7 1.1 V Vpora_off 1.0 1.4 2.0 V Vpord_off 0.6 0.8 1.0 V |