| データシートサーチシステム |
|
WM8718SEDS/R データシート(PDF) 24 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8718SEDS/R データシート(HTML) 24 Page - Wolfson Microelectronics plc |
|
24 / 27 page ![]() WM8718 Production Data w PD Rev 4.1 March 2004 24 APPLICATIONS INFORMATION RECOMMENDED EXTERNAL COMPONENTS Figure 23 External Components Diagram RECOMMENDED EXTERNAL COMPONENTS VALUES COMPONENT REFERENCE SUGGESTED VALUE DESCRIPTION C4 and C7 10 µF De-coupling for DVDD and AVDD C1 and C6 0.1 µF De-coupling for DVDD and AVDD C5 0.1uF De-coupling for VREFP positive DAC reference supply C2 0.1 µF C3 10 µF Reference de-coupling capacitors for VMID pin. C8 10 µF Filtering for VREFP. Omit if AVDD low noise. R1 330 Ω Filtering for VREP. Use 0 Ω if AVDD low noise. Table 14 External Components Description |