| データシートサーチシステム |
|
UR5512L-TN5-R データシート(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UR5512L-TN5-R データシート(HTML) 3 Page - Unisonic Technologies |
|
3 / 6 page ![]() UR5512 LINEAR INTEGRATED CIRCUIT UNISONIC TECHNOLOGIES CO., LTD 3 of 6 www.unisonic.com.tw QW-R101-017.E ABSOLU T E M AX I M U M RAT I N GS PARAMETER SYMBOL RATING UNIT VCNTL Control Voltage VCNTL -0.2 ~ 7 V VIN Supply Voltage VIN -0.2 ~ 6 V Power Dissipation PD Internally Limited W Junction Temperature TJ +125 C Storage Temperature TSTG -40 ~ +150 C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOM M EN DED OPERAT I N G CON DI T I ON S PARAMETER SYMBOL RANGE UNIT VCNTL Control Voltage (Note 1) VCNTL 3.1 ~ 6 V VIN Supply Voltage VIN 1.6 ~ 5.5 V VREF Input Voltage VREF 0.85 ~ 1.75 V VOUT Output Voltage (Note 2) VOUT VREF ± 0.02 V VOUT Output Current IOUT -2 ~ +2 A Junction Temperature TJ 0 ~ +125 C Note: The VOUT tracks the VREF with additional voltage offset and load regulation. ELECT RI CAL CH ARACT ERI ST I CS (VIN = 1.8V, VCNTL = 5V, VREFEN = 0.5VIN), Ta = 25°C, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT INPUT CURRENT Operation Current of VCNTL ICNTL IOUT = 0A 2 4 mA VREF=GND (Shutdown) 1.9 mA Current into VREF Pin IREF VREF =1.25V 200 500 nA VREF = GND (Shutdown) 20 40 µA Standby Current ISTB VREF < 0.2V, RLOAD = 180 Ω 50 90 µA OUTPUT VOLTAGE Output Voltage Offset (VOUT - VREF) VO(OFF) IOUT = 0A -20 6 +20 mV Load Regulation ∆VLOAD IOUT = ±1.5A -20 +20 mV PROTECTION Current limit ILIMIT 2.0 A Thermal Shutdown Temperature TSD VCNTL = 5V 125 180 °C Thermal Shutdown Hysteresis ∆TSD VCNTL = 5V 40 °C REFEN Shutdown Shutdown Threshold VIH Enable 0.6 V VIL Shutdown 0.15 V |