データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FUSB307BMPX データシート(PDF) 3 Page - ON Semiconductor

部品番号 FUSB307BMPX
部品情報  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BMPX データシート(HTML) 3 Page - ON Semiconductor

  FUSB307BMPX Datasheet HTML 1Page - ON Semiconductor FUSB307BMPX Datasheet HTML 2Page - ON Semiconductor FUSB307BMPX Datasheet HTML 3Page - ON Semiconductor FUSB307BMPX Datasheet HTML 4Page - ON Semiconductor FUSB307BMPX Datasheet HTML 5Page - ON Semiconductor FUSB307BMPX Datasheet HTML 6Page - ON Semiconductor FUSB307BMPX Datasheet HTML 7Page - ON Semiconductor FUSB307BMPX Datasheet HTML 8Page - ON Semiconductor FUSB307BMPX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
FUSB307B
www.onsemi.com
3
Table 1. ORDERING INFORMATION
Part Number
Operating
Temperature Range
Package
Packing Method†
FUSB307BMPX
−40 to 85
°C
16–Lead Molded Leadless Package (QFN)
JEDEC, ML220, 3 mm Square
Tape and Reel
FUSB307BVMPX
Automotive
−40 to 105
°C
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
Typical Application
Figure 2. FUSB307B Typical Mobile Computing Application
CC2
CC1
INT_N
SDA
SCL
Type−C
receptacle
FUSB307B
GND
VCONN
VDD
VBUS
TCPM
USB
2.0 &
3.1
Gen1
PHY
USB Buck/Boost
Charger
+ VBUS Buck
+ VCONN Buck
Battery
SNK
VBAT
V3P3
VCONN
VSNK
VSRC
FPF2895
SRC
I2C_ADDR_SEL/
ORIENT
GPO1
GPU
LDO
VDD
FPF2895
EN
FUSB340
2:1 USB3.1 Switch
GPO2
DEBUG_N
30 m
Ω
VOUT
VIN
ISET
ON
1
μF
25 V
30 m
Ω
VIN
VOUT
10
μF
10
μF
25 V
1
μF
10
μF
1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57