データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSB60C30PB データシート(PDF) 4 Page - IXYS Corporation

部品番号 DSB60C30PB
部品情報  High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IXYS [IXYS Corporation]
ホームページ  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSB60C30PB データシート(HTML) 4 Page - IXYS Corporation

  DSB60C30PB Datasheet HTML 1Page - IXYS Corporation DSB60C30PB Datasheet HTML 2Page - IXYS Corporation DSB60C30PB Datasheet HTML 3Page - IXYS Corporation DSB60C30PB Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DSB60C30PB
preliminary
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.32
4.82
0.170
0.190
A1
1.14
1.39
0.045
0.055
A2
2.29
2.79
0.090
0.110
b
0.64
1.01
0.025
0.040
b2
1.15
1.65
0.045
0.065
C
0.35
0.56
0.014
0.022
D
14.73
16.00
0.580
0.630
E
9.91
10.66
0.390
0.420
e
2.54
BSC
0.100
BSC
H1
5.85
6.85
0.230
0.270
L
12.70
13.97
0.500
0.550
L1
2.79
5.84
0.110
0.230
ØP
3.54
4.08
0.139
0.161
Q
2.54
3.18
0.100
0.125
3x b2
E
ØP
3x b
2x e
C
A2
A1
A
12
3
4
1
2
3
Outlines
TO-220
IXYS reserves the right to change limits, conditions and dimensions.
20131030a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved



Html Pages

1 2 3 4