データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M0437WC080 データシート(PDF) 4 Page - IXYS Corporation

部品番号 M0437WC080
部品情報  Soft Recovery Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IXYS [IXYS Corporation]
ホームページ  http://www.ixys.com
Logo IXYS - IXYS Corporation

M0437WC080 データシート(HTML) 4 Page - IXYS Corporation

  M0437WC080 Datasheet HTML 1Page - IXYS Corporation M0437WC080 Datasheet HTML 2Page - IXYS Corporation M0437WC080 Datasheet HTML 3Page - IXYS Corporation M0437WC080 Datasheet HTML 4Page - IXYS Corporation M0437WC080 Datasheet HTML 5Page - IXYS Corporation M0437WC080 Datasheet HTML 6Page - IXYS Corporation M0437WC080 Datasheet HTML 7Page - IXYS Corporation M0437WC080 Datasheet HTML 8Page - IXYS Corporation M0437WC080 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Soft Recovery Diode Types M0437WC080 to M0437WC140
Data Sheet. Types M0437WC080 to M0437WC140 Issue 3
Page 4 of 11
October 2014
thJK
MAX
J
SINK
R
f
k
E
T
T
)
(
5.0 Reverse Recovery Loss
The following procedure is recommended for use where it is necessary to include reverse recovery loss.
From waveforms of recovery current obtained from a high frequency shunt (see Note 1) and reverse
voltage present during recovery, an instantaneous reverse recovery loss waveform must be constructed.
Let the area under this waveform be E joules per pulse. A new sink temperature can then be evaluated
from:
Where k = 0.2314 (°C/W)/s
E = Area under reverse loss waveform per pulse in joules (W.s.)
f = Rated frequency in Hz at the original sink temperature.
RthJK = d.c. thermal resistance (°C/W)
The total dissipation is now given by:
f
E
W
W
original
tot
)
(
)
(
NOTE 1 - Reverse Recovery Loss by Measurement
This device has a low reverse recovered charge and peak reverse recovery current. When measuring the
charge, care must be taken to ensure that:
(a) AC coupled devices such as current transformers are not affected by prior passage of high
amplitude forward current.
(b) A suitable, polarised, clipping circuit must be connected to the input of the measuring oscilloscope
to avoid overloading the internal amplifiers by the relatively high amplitude forward current signal.
(c) Measurement of reverse recovery waveform should be carried out with an appropriate critically
damped snubber, connected across diode anode to cathode. The formula used for the calculation of this
snubber is shown below:
dt
di
S
r
C
V
R
 4
2
Where:
Vr = Commutating source voltage
CS = Snubber capacitance
R = Snubber resistance
6.0 Snubber Components
When selecting snubber components, care must be taken not to use excessively large values of snubber
capacitor or excessively small values of snubber resistor. Such excessive component values may lead to
device damage due to the large resultant values of snubber discharge current. If required, please consult
the factory for assistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11