| データシートサーチシステム |
|
AD8354ACP-R2 データシート(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8354ACP-R2 データシート(HTML) 9 Page - Analog Devices |
|
9 / 16 page ![]() REV. A AD8354 –9– OUTPUT 1 dB COMPRESSION POINT (dBm) 0 3.95 4.00 25 20 15 10 5 30 35 40 45 50 4.05 4.10 4.15 4.20 4.25 4.30 4.35 4.40 4.45 4.50 TPC 25. Distribution of P1 dB, VS = 5 V, TA = 25 C, f = 2.2 GHz 10 12 14 16 18 20 22 OIP3 AT 5.5V OIP3 AT 5.0V OIP3 AT 4.5V FREQUENCY (MHz) 500 1000 1500 2000 2500 3000 0 TPC 26. OIP3 vs. Frequency, VS = 4.5 V, 5 V, and 5.5 V, TA = 25 C FREQUENCY (MHz) 4.0 500 1000 NF AT 4.5V NF AT 5.5V NF AT 5.0V 4.5 5.0 6.0 1500 2000 2500 3000 6.5 5.5 7.0 0 TPC 27. Noise Figure vs. Frequency, VS = 4.5 V, 5 V, and 5.5 V, TA = 25 C OIP3 (dBm) 0 16.0 25 20 15 10 5 30 35 16.1 16.2 16.3 16.4 16.5 16.6 16.7 16.8 16.9 17.0 17.1 17.2 TPC 28. Distribution of OIP3, VS = 5 V, TA = 25 C, f = 2.2 GHz 10 12 14 16 18 20 22 OIP3 AT –40 C OIP3 AT +25 C OIP3 AT +85 C FREQUENCY (MHz) 1000 1500 2000 2500 3000 500 0 TPC 29. OIP3 vs. Frequency, VS = 5 V, TA = –40 C, +25 C, and +85 C FREQUENCY (MHz) 4.0 500 1000 NF AT –40 C 4.5 5.0 6.0 1500 2000 2500 3000 6.5 5.5 7.0 7.5 3.0 3.5 NF AT +85 C NF AT +25 C 0 TPC 30. Noise Figure vs. Frequency, VS = 5 V, TA = –40 C, +25 C, and +85 C |