| データシートサーチシステム |
|
FSP036-RXBN2 データシート(PDF) 3 Page - Sparkle Power Inc. |
|
|
|||||||||||||||||||||||||||||
FSP036-RXBN2 データシート(HTML) 3 Page - Sparkle Power Inc. |
|
3 / 5 page ![]() w Op Pr www.sparkle ptional O rofile & Dimen SP FSP0 epower.com Output DC sion PAR 036/045‐ m Tel: 1‐4 C Plugs Op Pinouts 1: ‐V 3: ‐V 5: +V 1: ‐V 3: ‐V 5: +V 1: +V 3: ‐V Shell: ‐V & 1: +V 3: ‐V Shell: ‐V & 1: +V 3: ‐V Shell: ‐V & KLE ‐RxBN2 S 08‐519‐8888 ptional O D 2: ‐V 4: +V 6: +V 6 M h w # e 2: ‐V 4: +V 6: +V 6 M h w # e 2: +V 4: ‐V & AC GND F w t S e 2: +V 4: ‐V & AC GND M w t 2: +V 4: ‐V & AC GND M lo POW eries AC‐ 8/1‐626‐839 ‐ 3 ‐ Output DC Description 6‐pin connecto Molex receptac housing 39‐01‐ with female ter #5556 series or equivalent 6‐pin connecto Molex receptac housing 39‐01‐ with female ter #5556 series or equivalent Female 4‐pin p without lock (m ype) Singatron 3MP‐ equivalent Male 4‐pin plug without lock (m ype) Male 4‐pin plug ock (molding ty WER ‐DC POW 9‐7180 E‐ C Plugs Su Mo or cle 2060 rminal r FS FS FS or cle 2065 rminal r FS FS FS lug molding ‐3432 or FS FS FS g molding FS FS FS g with ype) FS FS FS R INC WER SUPP ‐Mail: sparkl uitable for SPI odels P036‐RBBN2 P045‐REBN2 P045‐RABN2 P036‐RBBN2 P045‐REBN2 P045‐RABN2 P036‐RBBN2 P045‐REBN2 P045‐RABN2 P036‐RBBN2 P045‐REBN2 P045‐RABN2 P036‐RBBN2 P045‐REBN2 P045‐RABN2 C. LY le@sparklep Suggested Connector Molex plug 01‐2066 w terminal #5 or equivale Molex plug 01‐2066 w terminal #5 or equivale 4‐pin conn Singatron 2MJ3002, 2 equivalent 4‐pin socke Kycon P/N: KPJX‐4 equivalent 4‐pin socke Kycon P/N: KPJX‐4 equivalent power.com Mating r g housing 39‐ with male 5558 series ent g housing 39‐ with male 5558 series ent ector 2MJ‐3432, or t et 4S‐S or t et 4S‐S or t |