データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PTC04-DB-FastLoader データシート(PDF) 14 Page - Melexis Microelectronic Systems

部品番号 PTC04-DB-FastLoader
部品情報  Programmer for Melexis PTC Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MELEXIS [Melexis Microelectronic Systems]
ホームページ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

PTC04-DB-FastLoader データシート(HTML) 14 Page - Melexis Microelectronic Systems

Back Button PTC04-DB-FastLoader Datasheet HTML 7Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 8Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 9Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 10Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 11Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 12Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 13Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 14Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 15Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
PTC04
Programmer for Melexis PTC Devices
3901290014501
Page 14 of 15
Data Sheet
Rev 004
December/14
19.
Application Information
When using the PT
C04 in combination with external equipment or other PTC04’s, it is very important to
have a good solid ground connection between the different appliances. A bad ground connection between
appliances and the PTC04 can cause damage to the PTC04. The measuring unit and the digital channels
of the PTC04 are sensitive to level shifts.
When using the PTC04 for End Of Line calibration of a Melexis product, it is mandatory to use qualified
reference equipment for the End Of Line verification of the programmed/calibrated product.
20.
FAQ
Please refer to the document FAQ_PTC04.pdf
21.
Mechanical Outlines
Figure 21-1: Mechanical Outlines
22.
ESD Precautions
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD).
Always observe Electro Static Discharge control procedures whenever handling semiconductor products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15