| データシートサーチシステム |
|
ICS280 データシート(PDF) 7 Page - Integrated Circuit Solution Inc |
|
|
|||||||||||||||||||||||||||||
ICS280 データシート(HTML) 7 Page - Integrated Circuit Solution Inc |
|
7 / 8 page ![]() Triple PLL Field Prog. Spread Spectrum Clock Synthesizer MDS 280 C 7 Revision 062205 Integrated Circuit Systems, Inc. ● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com ICS280 PRELIMINARY INFORMATION Marking Diagrams Marking Diagrams (Pb free) Notes: 1. ###### is the lot number. 2. YYWW is the last two digits of the year and week that the part was assembled. 3. “I” denotes industrial temperature range (if applicable). 4. “L” denotes Pb (lead) free package. 5. Bottom marking: country of origin. 1 8 9 16 280PG ###### YYWW 1 8 9 16 280PGI ###### YYWW 1 8 9 16 280PGL ###### YYWW 1 8 9 16 280PGIL ###### YYWW |