| データシートサーチシステム |
|
UC3869AG-S08-R データシート(PDF) 7 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UC3869AG-S08-R データシート(HTML) 7 Page - Unisonic Technologies |
|
7 / 9 page ![]() UC3869A CMOS IC UNISONICTECHNOLOGIESCO.,LTD 7 of 9 www.unisonic.com.tw QW-R103-143.B OPERATION DESCRIPTION (Cont.) Gate Output The UTC UC3869A output stage is a fast totem pole gate driver. Cross conduction has been avoided to minimize heat dissipation, increase efficiency, and enhance reliability. A good tradeoff is achieved through dead time control. The low idle loss and good EMI system design is easier to achieve with this dedicated control scheme. An internal 16V clamp is added for MOSFET gate protection at higher than expected VDD input. Protection Controls The IC takes on more protection functions such as OVP, OLP and OTP etc. In case of those failure modes,the driver works as follows. OVP The OVP will shut down the switching of the power MOSFET whenever VDD >VOVP. The OVP event as followed Fig.3. Fig.3 OVP case Fig.4 OLP case OLP OLP will shut down driver when VFB> VOLP for continual a blanking time. The OLP event as followed Fig.4. OTP OTP will shut down driver when junction temperature TRT<VTH_OTP |