データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPI1266 データシート(PDF) 2 Page - TT Electronics.

部品番号 OPI1266
部品情報  High Voltage Isolator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPI1266 データシート(HTML) 2 Page - TT Electronics.

  OPI1266 Datasheet HTML 1Page - TT Electronics. OPI1266 Datasheet HTML 2Page - TT Electronics. OPI1266 Datasheet HTML 3Page - TT Electronics. OPI1266 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Voltage Isolator
OPI1266
© TT electronics plc
Issue C
11/2017
Page 2
TT Electronics | OPTEK Technology
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Electrical Characteristics (TA = 0° C to 70° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode (See OP240 for additional information—for reference only.)
VF
Forward Voltage
-
1.2
1.8
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR = 2.0 V
Output IC (VCC = 4.75 V to 5.25 V) (See OPL550 for additional information—for reference only.)
IOH
High Level Output Current
-
-
100
µA
IF = 0.0 mA, VOH = 5.25 V
VOL
Low Level Output Voltage
-
-
0.60
V
IF = 13.5 mA, IOL = 2.6 mA
ICCH
High Level Supply Current
2.5
-
15
mA
IF = 0, Vcc = 5.25V
ICCL
Low Level Supply Current
-
-
18
IF = 13.5 mA, IOL = 2.6 mA, Vcc = 5.25 V
Coupled Characteristics (VCC = 5 V)
CIO
Coupling Capacitance
-
-
2
pF
Input and output leads shorted.
tPLH
Propagation Delay to Low Output Level
-
-
800
ns
See Figure 1
tPHL
Propagation Delay to High Output Level
-
-
800
ΔTP
Difference in Propagation Delays
-500
-
500
ns
See Figure 1
IISO
Isolation Leakage Current
(4)
-
-
20
µA
VISO = 19.2kV dc
( input and output leads shorted)
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Storage Temperature
-40° C to +85° C
Operating Temperature
-40° C to +70° C
Input-to-Output Isolation Voltage
16 kVDC
Lead Soldering Temperature (1/16” (1.6 mm) from case for 5 seconds with soldering iron)
(3)
260° C
Input Diode
Continuous Forward Current
50 mA
Peak Forward Current (1 µs pulse width, 300 pps)
3.0 A
Reverse Voltage
2.0 V
Power Dissipation
(1)
100 mW
Output IC
Maximum Supply Voltage
7 V
Power Dissipation
(1)
100 mW
Notes:
(1)
Derate linearly 1.33 W/°C above 25°C.
(2)
UL recognition is for 15kV dc for one minute.
(3)
Derate linearly 1.33 mW/˚C above 25˚C.
(4)
Measured with input and output leads shorted.



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com