データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPI1268 データシート(PDF) 3 Page - TT Electronics.

部品番号 OPI1268
部品情報  High Voltage Isolator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPI1268 データシート(HTML) 3 Page - TT Electronics.

  OPI1268 Datasheet HTML 1Page - TT Electronics. OPI1268 Datasheet HTML 2Page - TT Electronics. OPI1268 Datasheet HTML 3Page - TT Electronics. OPI1268 Datasheet HTML 4Page - TT Electronics. OPI1268 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
High Voltage Isolator
OPI1268
© TT electronics plc
Issue C
11/2017
Page 3
TT Electronics | OPTEK Technology
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
IF(+) vs Ta
0
2
4
6
8
10
-40
-20
0
20
40
60
80
100
Ta - Ambient Temperature - °C
VCC = 5.0 V
IOL = 8.0 mA
V(out) vs IF
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
1
2
3
4
5
IF - Forward Current - mA
Vcc = 4.5 V
IOL = 8 mA
Ta = 25 °C
Vol vs Ambient Temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
-40
-20
0
20
40
60
80
100
Ta - Ambient Temperature - C
VCC=4.50V
IOL=8mA
IF=10mA
IOH vs. Ambient Temperature
0
1
2
3
4
5
6
7
8
-40
-20
0
20
40
60
80
100
Ta - Ambient Temperature - °C
Vcc = 5.0 V
VOH = 18.0 V
Supply Current vs ICCH and ICCL vs Ambient temperature
0
1
2
3
4
5
6
7
8
9
-40
-20
0
20
40
60
80
100
Ta - Ambient Temperature -c
VCC = 5.25
IF = 10mA
ICCL
VCC = 5.25
IF = 0mA
ICCH
Variable Diode Forward Current (IF) vs Propagation Delay Time - (tPLH, tPHL)
30
40
50
60
70
80
90
100
110
120
1
2
3
4
5
6
7
8
9
10
11
12
IF - Diode Forward Current - mA
Avg. tPLH Delay
Avg. tPHL Delay
VCC = 5.0 V
RL = 560 Ω
f = 100 kHz



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com