データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PAA140L データシート(PDF) 1 Page - IXYS Corporation

部品番号 PAA140L
部品情報  Dual Single-Pole, Normally Open, Current-Limiting OptoMOS Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IXYS [IXYS Corporation]
ホームページ  http://www.ixys.com
Logo IXYS - IXYS Corporation

PAA140L データシート(HTML) 1 Page - IXYS Corporation

  PAA140L Datasheet HTML 1Page - IXYS Corporation PAA140L Datasheet HTML 2Page - IXYS Corporation PAA140L Datasheet HTML 3Page - IXYS Corporation PAA140L Datasheet HTML 4Page - IXYS Corporation PAA140L Datasheet HTML 5Page - IXYS Corporation PAA140L Datasheet HTML 6Page - IXYS Corporation PAA140L Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PAA140L-R04
1
PAA140L
Dual Single-Pole, Normally Open,
Current-Limiting OptoMOS® Relays
e3
Pb
Part #
Description
PAA140L
8-Lead DIP (50/tube)
PAA140LS
8-Lead Surface Mount (50/tube)
PAA140LSTR
8-Lead Surface Mount (1000/Reel)
Parameter
Rating
Units
Load Voltage
400
V
Load Current
200
mA
rms / mADC
On-Resistance (max)
13
Applications
Features
Description
Ordering Information
Pin Configuration
Telecommunications
Telecom Switching
Tip/Ring Circuits
Modem Switching (Laptop, Notebook, Pocket Size)
Hook Switch
Dial Pulsing
Ground Start
Ringing Injection
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment-Patient/Equipment Isolation
Security
Aerospace
Industrial Controls
Current Limiting
3750V
rms Input/Output Isolation
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Small 8-Pin Package
Machine Insertable, Wave Solderable
Tape & Reel Versions Available
Approvals
UL Recognized Component: File E76270
CSA Certified Component: Certificate 1175739
EN/IEC 60950-1 Certified Component:
TUV Certificate B 12 11 82667 002
Switching Characteristics
of Normally Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
2
3
4
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
8
7
6
5
Load - Switch #1
AC/DC Configuration
Load - Switch #1
Load - Switch #2
Load - Switch #2
PAA140L is a current-limited, dual, normally open
(1-Form-A) solid state relay that uses optically coupled
MOSFET technology to provide 3750V
rms of input to
output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
Featuring low on-resistance and very high load current
handling capability, it is suitable for a variety of high
performance switching applications.


同様の部品番号 - PAA140L

メーカー部品番号データシート部品情報
logo
Clare, Inc.
PAA140L CLARE-PAA140L Datasheet
128Kb / 6P
Dual Pole OptoMOS Relays
logo
Littelfuse
PAA140L LITTELFUSE-PAA140L Datasheet
206Kb / 7P
400V, 200mA Dual Single-Pole
11/18/2025
logo
Clare, Inc.
PAA140LS CLARE-PAA140LS Datasheet
128Kb / 6P
Dual Pole OptoMOS Relays
logo
Littelfuse
PAA140LS LITTELFUSE-PAA140LS Datasheet
206Kb / 7P
400V, 200mA Dual Single-Pole
11/18/2025
logo
Clare, Inc.
PAA140LSTR CLARE-PAA140LSTR Datasheet
128Kb / 6P
Dual Pole OptoMOS Relays
More results

同様の説明 - PAA140L

メーカー部品番号データシート部品情報
logo
IXYS Corporation
LAA125 IXYS-LAA125_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
LAA126 IXYS-LAA126_12 Datasheet
123Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
LAA126L IXYS-LAA126L_12 Datasheet
105Kb / 5P
Dual Single-Pole, Normally Open OptoMOS Relays
LAA127L IXYS-LAA127L_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LBA716 IXYS-LBA716_12 Datasheet
136Kb / 8P
Dual Single-Pole OptoMOS Relays Normally Open & Normally Closed
PAA110 IXYS-PAA110 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA140 IXYS-PAA140 Datasheet
132Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA150 IXYS-PAA150 Datasheet
115Kb / 5P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA191 IXYS-PAA191 Datasheet
122Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
PLA140L IXYS-PLA140L Datasheet
123Kb / 7P
Single-Pole, Normally Open, Current-Limiting OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com