データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OVSPGCCR8 データシート(PDF) 2 Page - TT Electronics.

部品番号 OVSPGCCR8
部品情報  1-Watt SMD Green LED Lamp (7mm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPGCCR8 データシート(HTML) 2 Page - TT Electronics.

  OVSPGCCR8 Datasheet HTML 1Page - TT Electronics. OVSPGCCR8 Datasheet HTML 2Page - TT Electronics. OVSPGCCR8 Datasheet HTML 3Page - TT Electronics. OVSPGCCR8 Datasheet HTML 4Page - TT Electronics. OVSPGCCR8 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Issue 1.2
0705
Page 2
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
1-Watt SMD Green LED Lamp (7mm)
OVSPGCCR8
Absolute Maximum Ratings
TA = 25o C (on metal core PCB1) unless otherwise noted
Note:
1.
Metal core PCB defined as good heat transmission substrate (thickness of 2.0mm Al-based PCB 20x20mm, JC <15°C/W could do)
2.
Rth test condition: mounted on 2.0mm Al-based PCB 20x20mm
Electrical Characteristics
TA = 25o C (on metal core PCB1) unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
lumen
Luminous Flux
25
40
----
lm
IF = 300mA
VF
Forward Voltage
----
3.6
4.0
V
IF = 300mA
IR
Reverse Current
----
----
10
µA
VR = 5V
D
Dominant Wavelength
520
527
535
nm
IF = 300mA
2 ½
50% Power Angle
----
140
----
deg
IF = 300mA
Note:
1.
Metal core PCB defined as good heat transmission substrate (thickness of 2.0mm Al-based PCB 20x20mm, JC <15°C/W could do)
Storage Temperature Range
-30 ~ +85 °C
Operating Temperature Range
-30 ~ +85 °C
Reverse Voltage
5 V
Continuous Forward Current
300 mA
Peak Forward Current (10% Duty Cycle, 1KHz)
500 mA
Power Dissipation
1.00 W
Junction Temperature
+125°C
Junction-to-case2
15°C/W
Important Notes:
1. All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2. Pb content <1000PPM.
3. To designate luminous intensity ranks, please contact OPTEK.
Standard Bins (IF = 300mA)
Lamps are sorted to luminous flux ( V) and dominant wavelength ( D) and ranked as shown.
Orders for OVSPGCCR8 may be filled with any or all bins contained as below.
Dominant Wavelength (nm)
Luminous flux is at
N bin or above.
520
525
535
530
45
Y
41
W
37
U
33
S
29
Q
25
N



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com