| データシートサーチシステム |
|
CPC7524 データシート(PDF) 8 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
CPC7524 データシート(HTML) 8 Page - IXYS Corporation |
|
8 / 15 page ![]() INTEGRATED CIRCUITS DIVISION CPC7524 8 www.ixysic.com R02 1.10 Truth Tables 1.10.1 CHANNEL1-2 1.10.2 CHANNEL3-4 As can be seen in the two truth tables above, CHANNEL1-2 and CHANNEL3-4 have identical functionality yet are independent. As such, for each state of one channel there are four possible states for the other channel giving the CPC7524 a total of 16 realizable states. LATCH1-2 IN2 IN1 TSD1-2 S2 S1 LATCH3-4 IN4 IN3 TSD3-4 S4 S3 00 0 Z 1 OFF OFF x x x x xx 00 1 OFF ON xx x x x 01 0 ON OFF x x x x x 01 1 ON ON xx x x x 1 x x Unchanged Unchanged x x x x x x xx x 0 OFF OFF xx x x x x 1 Z = High Impedance. Because T SD1-2 has an internal pull-up, it should be controlled with an open-collector or open-drain type device. LATCH1-2 IN2 IN1 TSD1-2 S2 S1 LATCH3-4 IN4 IN3 TSD3-4 S4 S3 xx x x x x0 0 0 Z 1 OFF OFF xx x x x0 0 1 OFF ON xx x x x0 1 0 ON OFF xx x x x0 1 1 ON ON xx x x x 1 x x Unchanged Unchanged x xxx x xx x x 0 OFF OFF 1 Z = High Impedance. Because T SD3-4 has an internal pull-up, it should be controlled with an open-collector or open-drain type device. |