| データシートサーチシステム |
|
ST485ERCDR データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST485ERCDR データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 13 page ![]() ST485ER 4/13 DRIVER SWITCHING CHARACTERISTICS (VCC =5V ± 5%, TA =TMIN to TMAX , unless otherwise specified. Typical values are referred to TA =25°C) (See Note 1) Note 1: All currents into device pins are positive; all cuttents out of device pins are negative; all voltages are referenced to device ground unless specified. RECEIVER SWITCHING CHARACTERISTICS (VCC =5V ± 5%, TA =TMIN to TMAX , unless otherwise specified. Typical values are referred to TA = 25°C) (See Note 1) Note 1: All currents into device pins are positive; all cuttents out of device pins are negative; all voltages are referenced to device ground unless specified. Symbol Parameter Test Conditions Min. Typ. Max. Unit tPLH tPHL Propagation Delay Input to Output RDIFF =54Ω CL1 =CL2 = 100pF (See Fig. 3 and 5) 10 30 60 ns tSK Output Skew to Output RDIFF =54Ω CL1 =CL2 = 100pF (See Fig. 3 and 5) 510 ns tTLH tTHL Rise or Fall Time RDIFF =54Ω CL1 =CL2 = 100pF (See Fig. 3 and 5) 315 40 ns tPZH Output Enable Time CL = 100pF S2 = Closed (See Fig. 4 and 6) 70 90 ns tPZL Output Enable Time CL = 100pF S1 = Closed (See Fig. 4 and 6) 70 90 ns tPLZ Output Disable Time CL = 15pF S1 = Closed (See Fig. 4 and 6) 70 90 ns tPHZ Output Disable Time CL = 15pF S2 = Closed (See Fig. 4 and 6) 70 90 ns CAB Output AB Capacitance 43 pF Symbol Parameter Test Conditions Min. Typ. Max. Unit tPLH tPHL Propagation Delay Input to Output RDIFF =54Ω CL1 =CL2 = 100pF (See Fig. 3 and 7) 20 130 210 ns tSKD Differential Receiver Skew RDIFF =54Ω CL1 =CL2 = 100pF (See Fig. 3 and 7) 13 ns tPZH Output Enable Time CRL = 15pF S1 = Closed (See Fig. 2 and 8) 20 50 ns tPZL Output Enable Time CRL = 15pF S2 = Closed (See Fig. 2 and 8) 20 50 ns tPLZ Output Disable Time CRL = 15pF S1 = Closed (See Fig. 2 and 8) 20 50 ns tPHZ Output Disable Time CRL = 15pF S2 = Closed (See Fig. 2 and 8) 20 50 ns fMAX Maximum Data Rate 2.5 Mbps |