データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS507IN データシート(PDF) 5 Page - STMicroelectronics

部品番号 TS507IN
部品情報  High Precision Rail-to-Rail Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS507IN データシート(HTML) 5 Page - STMicroelectronics

  TS507IN Datasheet HTML 1Page - STMicroelectronics TS507IN Datasheet HTML 2Page - STMicroelectronics TS507IN Datasheet HTML 3Page - STMicroelectronics TS507IN Datasheet HTML 4Page - STMicroelectronics TS507IN Datasheet HTML 5Page - STMicroelectronics TS507IN Datasheet HTML 6Page - STMicroelectronics TS507IN Datasheet HTML 7Page - STMicroelectronics TS507IN Datasheet HTML 8Page - STMicroelectronics TS507IN Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Package Mechanical Data
TS507
5/9
3.2 SO-8 Package
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.04
0.010
A2
1.10
1.65
0.043
0.065
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
3.80
4.00
0.150
0.157
e
1.27
0.050
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
k
˚ (max.)
ddd
0.1
0.04
SO-8 MECHANICAL DATA
8



Html Pages

1 2 3 4 5 6 7 8 9