| データシートサーチシステム |
|
TSH330I データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH330I データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 19 page ![]() Electrical Characteristics TSH330 3/19 2 Electrical Characteristics Table 3. Electrical characteristics for VCC= ±2.5Volts, Tamb=+25°C (unless otherwise specified) Symbol Parameter Test Condition Min. Typ. Max. Unit DC performance Vio Input Offset Voltage Offset Voltage between both inputs Tamb -3.1 0.18 +3.1 mV Tmin. < Tamb < Tmax. 0.8 ∆V io Vio drift vs. Temperature Tmin. < Tamb < Tmax. 1.6 µV/°C Iib+ Non Inverting Input Bias Current DC current necessary to bias the input + Tamb 26 55 µA Tmin. < Tamb < Tmax. 21 Iib- Inverting Input Bias Current DC current necessary to bias the input - Tamb 722 µA Tmin. < Tamb < Tmax. 13 CMR Common Mode Rejection Ratio 20 log ( ∆V ic/∆Vio) ∆V ic = ±1V 50 54 dB Tmin. < Tamb < Tmax. 54 SVR Supply Voltage Rejection Ratio 20 log ( ∆V cc/∆Vout) ∆V cc= 3.5V to 5V 63 74 dB Tmin. < Tamb < Tmax. 67 PSR Power Supply Rejection Ratio 20 log ( ∆V cc/∆Vout) ∆V cc=200mVp-p@1kHz 56 dB Tmin. < Tamb < Tmax. 52 ICC Supply Current DC consumption with no input signal No load 16.6 20.2 mA Tmin. < Tamb < Tmax. 16.6 mA Dynamic performance and output characteristics ROL Transimpedance Output Voltage/Input Current Gain in open loop of a CFA. For a VFA, the analog of this feature is the Open Loop Gain (AVD) ∆V out= ±1V, RL = 100Ω 104 153 k Ω Tmin. < Tamb < Tmax. 152 k Ω Bw -3dB Bandwidth Frequency where the gain is 3dB below the DC gain AV Note: Gain Bandwidth Product criterion is not applicable for Current-Feedback- Amplifiers Vout=20mVp-p, RL = 100 Ω AV = +1 AV = +2 AV = -4 AV = -4, Tmin. < Tamb < Tmax. 550 1500 1100 630 600 MHz Gain Flatness @ 0.1dB Band of frequency where the gain varia- tion does not exceed 0.1dB Small Signal Vout=20mVp-p AV = +2, RL = 100Ω 160 SR Slew Rate Maximum output speed of sweep in large signal Vout = 2Vp-p, AV = +2, RL = 100Ω 1800 V/ µs VOH High Level Output Voltage RL = 100Ω 1.5 1.64 V Tmin. < Tamb < Tmax. 1.54 VOL Low Level Output Voltage RL = 100Ω -1.55 -1.5 V Tmin. < Tamb < Tmax. -1.5 |