データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X76F101-3 データシート(PDF) 2 Page - Xicor Inc.

部品番号 X76F101-3
部品情報  Secure SerialFlash
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XICOR [Xicor Inc.]
ホームページ  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F101-3 データシート(HTML) 2 Page - Xicor Inc.

  X76F101-3 Datasheet HTML 1Page - Xicor Inc. X76F101-3 Datasheet HTML 2Page - Xicor Inc. X76F101-3 Datasheet HTML 3Page - Xicor Inc. X76F101-3 Datasheet HTML 4Page - Xicor Inc. X76F101-3 Datasheet HTML 5Page - Xicor Inc. X76F101-3 Datasheet HTML 6Page - Xicor Inc. X76F101-3 Datasheet HTML 7Page - Xicor Inc. X76F101-3 Datasheet HTML 8Page - Xicor Inc. X76F101-3 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
X76F101
2
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock all data into and out of the
device.
Serial Data (SDA)
SDA is an open drain serial data input/output pin. During
a read cycle, data is shifted out on this pin. During a write
cycle, data is shifted in on this pin. In all other cases, this
pin is in a high impedance state.
Chip Select (CS)
When CS is high, the X76F101 is deselected and the
SDA pin is at high impedance and unless an internal
write operation is underway, the X76F101 will be in
standby mode. CS low enables the X76F101, placing it in
the active mode.
Reset (RST)
RST is a device reset pin. When RST is pulsed high
while CS is low the X76F101 will output 32 bits of fixed
data which conforms to the standard for “synchronous
response to reset”. CS must remain LOW and the part
must not be in a write cycle for the response to reset to
occur. See Figure 7. If at any time during the response to
reset CS goes HIGH, the response to reset will be
aborted and the part will return to the standby state. The
response to reset is "mask programmable" only!
DEVICE OPERATION
The X76F101 memory array consists of fourteen 8-byte
sectors. Read or write access to the array always begins
at the first address of the sector. Read operations then
can continue indefinitely. Write operations must total 8
bytes.
There are two primary modes of operation for the
X76F101; Protected READ and protected WRITE.
Protected operations must be performed with one of two
8-byte passwords.
The basic method of communication for the device is
established by first enabling the device (CS LOW),
generating
a start
condition,
then
transmitting
a
command, followed by the correct password. All parts will
be shipped from the factory with all passwords equal to
‘0’. The user must perform ACK Polling to determine the
validity of the password, before starting a data transfer
(see Acknowledge Polling.) Only after the correct
password is accepted and a ACK polling has been
performed, can the data transfer occur.
To ensure the correct communication, RST must remain
LOW under all conditions except when running a
“Response to Reset sequence”.
Data is transferred in 8-bit segments, with each transfer
being followed by an ACK, generated by the receiving
device.
If the X76F101 is in a nonvolatile write cycle a “no ACK”
(SDA=High) response will be issued in response to
loading of the command byte. If a stop is issued prior to
the nonvolatile write cycle the write operation will be
terminated and the part will reset and enter into a
standby mode.
The basic sequence is illustrated in Figure 1.
PIN NAMES
PIN CONFIGURATION
Symbol
Description
CS
Chip Select Input
SDA
Serial Data Input/Output
SCL
Serial Clock Input
RST
Reset Input
Vcc
Supply Voltage
Vss
Ground
NC
No Connect
CS
SDA
VCC
RST
SCL
NC
1
2
3
4
7
8
6
5
SOIC
VCC
RST
SCL
VSS
NC
SDA
Smart Card
CS
NC
NC
GND
CS
SDA
VCC
RST
SCL
NC
1
2
3
4
7
8
6
5
MSOP
VSS
NC
NC
RST
SCL
SDA
Vss
1
2
3
4
7
8
6
5
PDIP
VCC
CS
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17