データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC244A データシート(PDF) 5 Page - STMicroelectronics

部品番号 74LVC244A
部品情報  LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) HIGH PERFORMANCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVC244A データシート(HTML) 5 Page - STMicroelectronics

  74LVC244A Datasheet HTML 1Page - STMicroelectronics 74LVC244A Datasheet HTML 2Page - STMicroelectronics 74LVC244A Datasheet HTML 3Page - STMicroelectronics 74LVC244A Datasheet HTML 4Page - STMicroelectronics 74LVC244A Datasheet HTML 5Page - STMicroelectronics 74LVC244A Datasheet HTML 6Page - STMicroelectronics 74LVC244A Datasheet HTML 7Page - STMicroelectronics 74LVC244A Datasheet HTML 8Page - STMicroelectronics 74LVC244A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74LVC244A
5/9
TEST CIRCUIT
RT = ZOUT of pulse generator (typically 50Ω)
TEST CIRCUIT AND WAVEFORM SYMBOL VALUE
Symbol
VCC
1.65 to 1.95V
2.3 to 2.7V
2.7V
3.0 to 3.6V
CL
30pF
30pF
50pF
50pF
RL = R1
1000
Ω
500
Ω
500
Ω
500
Ω
VS
2 x VCC
2 x VCC
6V
6V
VIH
VCC
VCC
2.7V
2.7V
VM
VCC/2
VCC/2
1.5V
1.5V
VOH
VCC
VCC
3.0V
3.0V
VX
VOL + 0.15V
VOL + 0.15V
VOL + 0.3V
VOL + 0.3V
VY
VOH - 0.15V
VOH - 0.15V
VOH - 0.3V
VOH - 0.3V
tr = tr
<2.0ns
<2.0ns
<2.5ns
<2.5ns



Html Pages

1 2 3 4 5 6 7 8 9