| データシートサーチシステム |
|
LTS-4801JS データシート(PDF) 2 Page - Lite-On Technology Corporation |
|
|
|||||||||||||||||||||||||||||
LTS-4801JS データシート(HTML) 2 Page - Lite-On Technology Corporation |
|
2 / 6 page ![]() LITE-ON ELECTRONICS, INC. Property of Lite-on Only PART NO.:LTS-4801JS PAGE: 1 of 5 BNS-OD-C131/A4 FEATURES *0.39-INCH (10.0-mm ) DIGIT HEIGHT. *CONTINUOUS UNIFORM SEGMENTS. *LOW POWER REQUIREMENT. *EXCELLENT CHARACTERS APPEARANCE. *HIGH BRIGHTNESS & HIGH CONTRAST. *WIDE VIEWING ANGLE. *SOLID STATE RELIABILITY. *CATEGORIZED FOR LUMINOUS INTENSITY. DESCRIPTION The LTS-4801JS is a 0.39-inch (10.0-mm) height single digit seven-segment display. This device utilizes AlInGaP Yellow LED chips, which are made from AlInGaP on GaAs substrate, and has a gray face and white segments. DEVICE PART NO. DESCRIPTION AlInGaP Yellow LTS-4801JS Common Anode Rt. Hand Decimal |