データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AX34063AS データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 AX34063AS
部品情報  DC-to-DC Converter Integrate Circuit Devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

AX34063AS データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  AX34063AS Datasheet HTML 1Page - List of Unclassifed Manufacturers AX34063AS Datasheet HTML 2Page - List of Unclassifed Manufacturers AX34063AS Datasheet HTML 3Page - List of Unclassifed Manufacturers AX34063AS Datasheet HTML 4Page - List of Unclassifed Manufacturers AX34063AS Datasheet HTML 5Page - List of Unclassifed Manufacturers AX34063AS Datasheet HTML 6Page - List of Unclassifed Manufacturers AX34063AS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page No. : 4/7
AVANTICS - AX34063AP, AX34063AS
Specification No.: 050308-FE0007
Application Information (Continuos)
Fig.2 Step-Up Converter
Fig.3 Step-Up Converter With External NPN Switch
Fig.4 Step-Down Converter
1
8
2
3
4
5
6
7
1
8
2
3
4
5
6
7
1
8
2
3
4
5
6
7
Vout
28V / 200mA
R1
150
Ω
Cout
220uF
CT
680pF
Vin
RA
2.2k
Ω
RSC
0.22
C1
100uF
AX34063A
L1
D1
200uH
H1N5819
RB
47k
Ω
Line Regulation: 100mV (V
in=8V~16V, @IO=200mA)
Load Regulation: 5mV (V
in=12V, @IO=80mA~200mA)
AX34063A
RSC
C1
RA
R1
RB
CT
D1
L1
Q1
R2
Vin
Vout
Cout
Line Regulation: 40mV (V
in=10V~20V, @IO=500mA)
Load Regulation: 5mV (V
in=15V, @IO=10mA~500mA)
Short Circuit Current: 1.3A (V
in=15V, @RL=0.1Ω
AX34063A
Vout
5V / 500mA
RSC
0.25
L
1
RB
RA
1.2k
Ω
3.6k
Ω
CT
470pF
D1
H1N5819
200uH
Cout
470uF
C1
100uF
V
in



Html Pages

1 2 3 4 5 6 7